PART |
Description |
Maker |
SP483E SP483ECN SP483ECP SP483EEN SP483EEP SP483EC |
Enhanced Low EMI Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ISL81483 ISL81487 |
1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver, With Rx/Tx Enables and Low Power SHDN 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceiver, With Rx/Tx Enables
|
Intersil
|
SP3483 SP3483CN SP3483CP SP3483EN SP3483EP |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ISL81487 ISL81483 ISL8487 |
1/4 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver
|
Intersil
|
SP483CS SP485 SP485CN SP485CS SP485EN SP485ES SP48 |
Low Power Half-Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
ATA5823 MICRF600 MICRF600TR |
902-928MHz ISM Band Transceiver Module From old datasheet system UHF ASK/FSK multi-channel half-duplex and full-duplex transceiver
|
MICREL[Micrel Semiconductor]
|
FGP-1000 |
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
SP3481 SP3485 SP3485CN SP3485CP SP3485EN SP3485EP |
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate Cermet Potentiometer; Resistance Max:10kohm; Resistance Tolerance: /- 10 %; Power Rating:1W; Voltage Rating:350V; Series:149; Temperature Coefficient: /-150 ppm; Resistor Element Material:Cermet; Leaded Process Compatible:Yes
|
SIPEX[Sipex Corporation]
|
IDT54FCT138ATSO IDT54FCT138ATSOB IDT74FCT138ATSO I |
Enhanced JFET Low-Power Precision Operational Amplifier 8-PDIP 0 to 70 Adjustable Precision Shunt Regulator 5-SOT-23 -40 to 85 快速CMOS 1 - 8解码器,使能 Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70 快速CMOS 1 - 8解码器,使能 Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70 FCT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 FAST CMOS 1-OF-8 DECODER WITH ENABLE 快速CMOS 1 - 8解码器,使能
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
SP491EEN-L |
Enhanced Full Duplex RS-485 Transceivers
|
Exar Corporation
|
ADN4693EBRZ ADN4693EBRZ-RL7 EVAL-ADN469XEFDEBZ ADN |
3.3 V, 200 Mbps, Half- and Full-Duplex
|
Analog Devices
|
ADN4694E ADN4692E ADN4695E ADN4690E |
3.3 V, 100 Mbps, Half- and Full-Duplex
|
Analog Devices
|